Part Number Hot Search : 
1509045X 0818C C170A 83AC12I 2904V BC858 NTX2N39 SMBJ2
Product Description
Full Text Search
 

To Download MASW-007813 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-007813
GaAs SP4T High Power Switch DC - 3 GHz
Features
* * * * * * * * Low Voltage Operation: 2.5 V Low Harmonics: < -66 dBc at +34 dBm & 1 GHz Low Insertion Loss: 0.7 dB at 1 GHz High Isolation: 25 dB at 2 GHz 0.5 micron GaAs pHEMT Process Low Profile, Lead-Free 3 mm PQFN Package Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Re-flow Compatible Rev. V2
Functional Schematic
Pin 16 Pin 1
A N T
100 pF
RF1
100 pF
RF4
100 pF
Description
M/A-COM's MASW-007813 is a GaAs pHEMT MMIC single pole four throw (SP4T) high power switch in a low cost, low profile, lead-free 3 mm PQFN 16-lead package. The MASW-007813 is ideally suited for applications where high power, low control voltage, low insertion loss, high isolation, small size and low cost are required. Typical applications are for GSM and DCS handset systems that connect separate transmit and receive functions to a common antenna, as well as CDMA handset and other related applications. The MASW-007813 can be used in all systems operating up to 3 GHz requiring high power at low control voltage. The MASW-007813 is fabricated using a 0.5 micron gate length GaAs pHEMT process. The process features full passivation for performance and reliability.
RF2
100 pF
RF3
100 pF
V2
V1
V4 V3
Pin Configuration
Pin No.
1 2 3 4 5 6 7 8 9
Pin Name
RF1 GND GND RF2 V2 V1 V4 V3 RF3 GND GND RF4 GND ANT GND GND GND (paddle)
3
Description
RF Port 1 RF Ground RF Ground RF Port 2 Control 2 Control 1 Control 4 Control 3 RF Port 3 RF Ground RF Ground RF Port 4 RF Ground Antenna Port RF Ground RF Ground RF Ground
Ordering Information
Part Number
MASW-007813-TR3000 MASW-007813-001SMB
1,2
10
Package
3000 piece reel Sample Board
11 12 13 14 15 16 17
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
3. The exposed pad centered on the package bottom must be connected to RF and DC ground. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007813
GaAs SP4T High Power Switch DC - 3 GHz
Electrical Specifications: TA = 25C, VC = 0 V / 2.75 V, PIN = 34 dBm, Z0 = 50 4
Parameter
Insertion Loss 5
Rev. V2
Test Conditions
DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 1 GHz 1 - 2 GHz 2 - 3 GHz DC - 3 GHz 1 GHz Two Tone, +26 dBm/Tone, 5 MHz spacing, > 50 MHz Two Tone, +26 dBm/Tone, 5 MHz spacing, > 50 MHz 1 GHz, Pin = +34 dBm 1 GHz, Pin = +34 dBm 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF
Units
dB
Min.
-- -- -- 25 -- -- -- -- -- -- -- -- -- -- -- --
Typ.
0.7 0.8 1.0 33 27 23 20 38 96 58 -76 -68 40 110 40 20
Max.
0.85 -- -- -- -- -- -- -- -- -- -68 -66 -- -- -- 80
Isolation Return Loss P0.1dB IP2 IP3 2nd Harmonic 3rd Harmonic Trise, Tfall Ton, Toff Transients Control Current
dB dB dBm dBm dBm dBc dBc ns ns mV
VC = 2.75 V
A
4. For positive voltage control, external DC blocking capacitors are required on all RF ports. 5. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
Truth Table 6,7
V1
1 0 0 0
Absolute Maximum Ratings 8
V4
0 0 0 1
V2
0 1 0 0
V3
0 0 1 0
ANT - ANT - ANT - ANT RF1 RF2 RF3 RF4
On Off Off Off Off On Off Off Off Off On Off Off Off Off On
Parameter
Max Input Power (0.5 - 3 GHz, 2.75 V Control) Operating Voltage Operating Temperature Storage Temperature
Absolute Maximum
+38 dBm +8.5 volts -40C to +85C -65C to +150C
6. Differential voltage, V (state 1) - V (state 0), must be +2.5 V minimum and must not exceed 8.5 V. 7. 0 = -8.5 V to 0 V, 1 = -6 V to 8.5 V
8. Exceeding any one or combination of these limits may cause permanent damage to this device.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007813
GaAs SP4T High Power Switch DC - 3 GHz
Typical Performance Curves
Insertion Loss
1.2
Rev. V2
Isolation
40
1.0
35
0.8
30
+25C +85C -40C
0.6
+25C +85C -40C
25
0.4 0.5
1.0
1.5
2.0
2.5
3.0
20 0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Return Loss
0
Harmonics vs. Control Voltage, 1 GHz
-60
2nd Harmonic
+25C +85C -40C
3rd Harmonic
10
-65
20
-70
30
-75
40 0.5
-80
1.0 1.5 2.0 2.5 3.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Frequency (GHz)
Control Voltage (V)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASW-007813
GaAs SP4T High Power Switch DC - 3 GHz
Low Profile, Lead-Free 3 mm 16-lead PQFN
Rev. V2
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements. Plating is 100% matte tin over copper.
Qualification
Qualified to M/A-COM specification REL-201, Process Flow -2.
Handling Procedures
The following precautions should be observed to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-007813

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X